PART |
Description |
Maker |
FDH27N50 |
27A/ 500V/ 0.19 Ohm/ N-Channel SMPS Power MOSFET Discrete Commercial N-Channel SMPS Power MOSFET, 500V, 27A, 0.19 Ohms @ VGS = 10V, TO-247 Package 27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQB5N50C FQI5N50C FQB5N50CTM FQI5N50CTU |
500V N-Channel MOSFET 5 A, 500 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB10NB50 STB10NB50T4 |
10.6 A, 500 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-CHANNEL 500V - 0.55 OHM - 10.6A - D2PAK POWERMESH MOSFET N-CHANNEL 500V - 0.55 OHM - 10.6A - D2PAK POWERMESH MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
FDH50N50 FDA50N50 |
500V N-Channel MOSFET 48 A, 500 V, 0.105 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel UniFET
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
STP20NK50Z STB20NK50Z STB20NK50Z-S STB20NK50ZT4 ST |
RESNET 51-OHM 8-ELEMENT 5% 0.063W THK-FILM CONCAVE SMD-4.0X2.1 TR-7-PL RESISTOR ARRAY Thick Film Resistor Network; Series:RNA4A; Resistance:47kohm; Resistance Tolerance: /- 5 %; Power Rating:0.063W; Voltage Rating:25V; Temperature Coefficient: /-250 ppm; Package/Case:10-SOIC; Network Circuit Type:Dual Termination N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247 N-CHANNEL 500V -0.23ヘ- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 500V - 0.23 OHM - 17A TO-220 / D2PAK / I2SPAK / TO-247 ZENER-PROTECTED SUPERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MDF16N50G |
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
|
MagnaChip Semiconductor...
|
STW20NM50 |
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?┬ower MOSFET N-CHANNEL Power MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MDQ23N50DTP |
N-Channel MOSFET 500V, 23.0A, 0.245(ohm)
|
MagnaChip Semiconductor...
|
HGTD8P50G1S HGTD8P50G1 HGTP8P50G1 |
8A, 500V P-Channel IGBTs 8A 500V P-Channel IGBTs Mechanism, 2-inch w/front paper feed and partial cutter 8A/ 500V P-Channel IGBTs
|
http:// INTERSIL[Intersil Corporation]
|